PART |
Description |
Maker |
LTC3407-2-15 |
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
LT3407 LT3407-2 LTC3548 LTC3548EDD LTC3548EMSE |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator Dual Synchronous,400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
LTC3545IUD-1-PBF LTC3545IUD-1-TRPBF LTC3545EUD-PBF |
Triple 800mA Synchronous Step-Down Regulator - 2.25MHz; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 125°C 1.6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PQCC16 Triple 800mA Synchronous Step-Down Regulator - 2.25MHz; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 1.6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PQCC16 Triple 800mA Synchronous Step-Down Regulator-2.25MHz
|
Linear Technology, Corp.
|
MIC2238-GSYML MIC2238-521YML MIC2238-AAYML MIC2238 |
2.5MHz Dual Phase PWM Buck Regulator Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator 1.8 A DUAL SWITCHING CONTROLLER, 2875 kHz SWITCHING FREQ-MAX, PDSO12
|
Micrel Semiconductor, Inc.
|
MIC2238 MIC2238-AAYML |
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
|
Micrel Semiconductor
|
EUP3402 |
Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
|
Eutech Microelectronics Inc
|
LTC3407-3 |
Dual Synchronous 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
LTC3407A-2 |
Dual Synchronous 800mA2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
AP3422 AP3422DNTR-G1 |
DUAL 1.1MHz, 800mA SYNCHRONOUS DC-DC CONVERTER
|
Diodes
|
IDT70V3319S133PRFI IDT70V3399S166PRFI IDT70V3319S1 |
HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 高速与3.3V 3.3V56/128K × 18 SYNCHRONOU S双,端口静态RAM.5V的接 HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 128K X 18 DUAL-PORT SRAM, 15 ns, PQFP128
|
Integrated Device Technology, Inc.
|
LT1357 LT1357CN8 LT1357CS8 1357FA |
25MHz/ 600V/us Op Amp Octal Buffers And Line Drivers With 3-State Outputs 20-SO 0 to 70 25MHz, 600V/us Op Amp From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|